Part Number Hot Search : 
TDA520 ON0154 AP2552 58000 23151 KA2206 XC6126 MP26056
Product Description
Full Text Search
 

To Download ULLC0402FC05C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ullc0402fc3.3c* thru ullc0402fc24c* 1 05192.r2 10/05 www .protekde vices.com unbumped low capacitance flip chip arra y only one name means protektion? *u.s. patent no. 6,867,436 applica tions ? cellular phones ? personal digital assistant (pda) ? notebook computers ? smart cards iec compa tibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns fea tures ? esd protection > 25 kilovolts ? available in six voltage types ranging from 3.3v to 24v ? low esd overshoot voltage ? bidirectional configuration & monolithic structure ? protects 1 line ? low capacitance: 6pf ? low leakage current ? rohs compliant mechanical characteristics ? standard eia chip size: 0402 ? weight 0.73 milligrams (approximate) ? solder reflow temperature: tin-lead - sn/pb: 240-245c lead-free: 260-270c ? flammability rating ul 94v-0 ? 8mm plastic & paper tape and reel per eia standard 481 ? device marking on reel u0402 05192 pin configura tion
2 www .protekde vices.com 05192.r2 10/05 ullc0402fc3.3c* thru ullc0402fc24c* *u.s. patent no. 6,867,436 device characteristics maximum ratings @ 25c unless otherwise specified operating temperature symbol value -55 c to 150 cc c -55 c to 150 c units t j t stg parameter storage temperature electrical characteristics per line @ 25c unless otherwise specified pa rt number (see note 1) minimum breakdown voltage @ 1ma v (br) volts typical capacitance @0v, 1 mhz c pf ullc0402fc3.3c ULLC0402FC05C ullc0402fc08c ullc0402fc12c ullc0402fc15c ullc0402fc24c 3.3 5.0 8.0 12.0 15.0 24.0 4.0 6.0 8.5 13.3 16.7 26.7 6 6 6 6 6 6 maximum leakage current @v wm i d a 75 1.0 0.1 0.1 0.1 0.1 rated stand-off voltage v wm volts note 1: all devices are bidirectional.
3 www .protekde vices.com 05192.r2 10/05 ullc0402fc3.3c* thru ullc0402fc24c* *u.s. patent no. 6,867,436 graphs esd test pulse - 25 kilovolt, 1/30ns (waveshape) figure 2 overshoot & clamping voltage for ULLC0402FC05C 5 volts per division -5 5 15 25 35         v r - reverse voltage - volts c j - capacitance - pf figure 3 capacitance vs reverse voltage for ULLC0402FC05C
4 www .protekde vices.com 05192.r2 10/05 ullc0402fc3.3c* thru ullc0402fc24c* *u.s. patent no. 6,867,436 application information ramp-up ramp-down ramp-up 15 seconds solder time 15-20 seconds ramp-down t s - preheat t smax t smin t l t 25c to peak 30-60 seconds temperature - c t p 155 140 0.275mm round non-solder mask defined pads 0.325mm round 0.150mm 0.330mm round no clean osp(entek cu plus 106a) 50m 20m 60 seconds 270c pad size on pcb pad shape pad definition solder mask opening solder stencil thickness solder stencil aperture opening (laser cut, 5% tapered walls) solder paste type pad protective finish tolerance - edge to corner ball solder ball side coplanarity maximum dwell time above liquidous (183c) soldering maximum temperature printed circuit board recommendations parameter value requirements temperature: t p for lead-free (snagcu): 260-265c t p for tin-lead: 240-245c preheat time and temperature depends on solder paste and flux activation temperature, component size, weight, surface area & plating. recommended non-solder mask defined pad illustration non-solder mask defined pad 0.275mm dia. solder mask opening 0.325mm dia. solder stencil opening 0.330mm dia.
5 www .protekde vices.com 05192.r2 10/05 ullc0402fc3.3c* thru ullc0402fc24c* *u.s. patent no. 6,867,436 package outline & dimensions copyright ? protek devices 2005 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility wit h respect to the selection or specifications of such products. protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www .protekde vices .com tape & reel ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia 481. 2. 8mm plastic tape: 7 inch reels - 5,000 pieces per reel. ordering suffix: -t75-1 (i.e., ULLC0402FC05C-t75-1). 3. 8mm paper tape: 7 inch reels -10,000 pieces per reel. ordering suffix: -t710-2 (i.e., ULLC0402FC05C-t710-2). a b c d e f i 0.61 nom 0.86 nom 0.99 0.0254 0.10 nom 0.35 nom 0.483 0.0254 0.406 nom 0.024 nom 0.034 nom 0.039 0.001 0.004 nom 0.014 nom 0.019 0.001 0.016 nom dim millimeters inches package dimensions notes: 1. controlling dimensions in inches. 2. decimal tolerances for mounting pad and outline: .xxx 0.05mm ( 0.002?). 3. maximum chip size: 1.02 (0.040?) by 0.51(0.020?). package outline u0402 mounting pad note: 1. preferred: using 0.1mm (0.004?) stencil. d e f i side a b c top end metalized die contacts a b c d e f g h i 0.23 0.48 0.69 0.46 0.99 0.20 0.20 0.66 0.13 0.009 0.019 0.027 0.018 0.039 0.008 0.008 0.026 0.005 dim millimeters inches pad dimensions note: 1. top view of tape. metal contacts are face down in tape package. tape & reel orientation single die - 0402 b c die contacts a h d i solder print diameter 0.010? - 0.012? f g die e solder pad outline & dimensions: rev 4 - 10/05, 06020


▲Up To Search▲   

 
Price & Availability of ULLC0402FC05C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X